PART |
Description |
Maker |
DDTA113ZKA DDTA113ZKA-7 DDTA114WKA DDTA114WKA-7 DD |
50V; 30mA PNP PRE-biased small signal surface mount transistor PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR 进步党预偏置小信号资 59表面贴装晶体 PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR 70 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR USER PROGRAMMABLE CAP STANDALO 50V; 100mA PNP PRE-biased small signal surface mount transistor
|
Diodes, Inc. 小信号晶体管 Diodes Inc. DIODES[Diodes Incorporated]
|
DSS9110Y DSS9110Y-7 DSS9110Y-15 |
100V LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR 1000 mA, 100 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated
|
MSB709RT1 MSB709-RT1 ON2370 |
PNP General Purpose Amplifier Transistor Surface Mount 100 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR From old datasheet system
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola Inc] ONSEMI[ON Semiconductor]
|
CMPTH81 |
SMD Small Signal Transistor PNP RF Ocillator SURFACE MOUNT PNP SILICON RF TRANSISTOR
|
CENTRAL[Central Semiconductor Corp]
|
CMLT2907A |
SMD Small Signal Transistor Dual PNP General Purpose Amplifier/Switc SURFACE MOUNT DUAL PNP SILICON TRANSISTORS SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
|
CENTRAL[Central Semiconductor Corp]
|
2DB1424R-13 2DB1424R |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 3000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP SURFACE MOUNT TRANSISTOR
|
Diodes Incorporated
|
FJN4307R FJN4307RBU |
PNP Epitaxial Silicon Transistor Audio Transformer; Insertion Loss:46.8dB; Size:9.79 x 8.89 x 9.52 mm; Terminal Type:PCB Surface Mount 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
MSB709-RT1-D MSB709-RT1G |
PNP General Purpose Amplifier Transistor Surface Mount Small Signal Plastic PNP
|
ON Semiconductor
|
CZTA77 |
SMD Small Signal Transistor PNP Darlington SURFACE MOUNT PNP SILICON DARLINGTON TRANSISTOR
|
CENTRAL[Central Semiconductor Corp]
|
DDA114EU DDA114EU-7 DDA114TU DDA114TU-7 DDA114YU D |
PNP PRE-BIASED SMALL SIGNAL SOT-63 DUAL SURFACE MOUNT TRANSISTOR 100 mA, 50 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR CONN, 300 PIN PLUG, 0.05 X 0.05 IN. CENTERLINES, MEG-ARRAY, UL REQUIRED 30 mA, 50 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR CONN, PLUG, .050 IN, MEG-ARRAY, 300 X NPN PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Inc. DIODES[Diodes Incorporated]
|
NSL12AWT1G |
High Current Surface Mount PNP Switching Transistor for Load Management in Portable Applications; Package: SC-88/SC70-6/SOT-363 6 LEAD; No of Pins: 6; Container: Tape and Reel; Qty per Container: 3000 2000 mA, 12 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
ON Semiconductor
|
DDTA123JCA-7-F DDTA143FCA-7-F DDTA113ZCA-7-F DDTA1 |
PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR 70 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc.
|